|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
RS201M THRU RS207M SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes FEATURES * Ideal for printed circuit board * Low forward voltage * Low leakage current * Polarity: marked on body * Mounting position: Any * Weight: 1.52 grams AC .580(14.75) .561(14.25) RS-2M .147(3.7) .130(3.3) .043(1.1) .031(0.8) .417(10.5) .410(10.2) + .058(1.42) .046(1.17) .034(.86) .030(.76) .09(2.29) .531(13.5) .492(12.5) .027(.70) .014(.35) .160(4.05) SPACING .140(3.56) Dimensions in inches and (millimeters) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. TYPE NUMBER Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length at Ta=85 C Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Forward Voltage Drop per Bridge Element at 2.0A D.C. Maximum DC Reverse Current Ta=25 C at Rated DC Blocking Voltage Operating Temperature Range, TJ Storage Temperature Range, TSTG Ta=125 C RS201M RS202M RS203M RS204M RS205M RS206M RS207M UNITS 50 35 50 100 70 100 200 140 200 400 280 400 2.0 50 1.1 5 -65 -65 500 +150 +150 600 420 600 800 560 800 1000 700 1000 V V V A A V A A C C 154 RATING AND CHARACTERISTIC CURVES (RS201M THRU RS207M) FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE 1.2 2.0 1.6 1.2 0.8 0.4 0 Single Phase Half Wave 60Hz Resistive Or Inductive Load FIG.2-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT,(A) 50 AVERAGE FORWARD CURRENT,(A) 40 30 Tj=25 C 8.3ms Single Half Sine Wave JEDEC method 20 10 0 25 50 75 100 125 150 175 CASE TEMPERATURE,( C) 0 1 5 10 50 100 NUMBER OF CYCLES AT 60Hz FIG.3-TYPICAL FORWARD CHARACTERISTICS 50 INSTANTANEOUS FORWARD CURRENT,(A) FIG.4-TYPICAL REVERSE CHARACTERISTICS 50 3.0 1.0 Tj=25 C Pulse Width 300us 1% Duty Cycle REVERSE LEAKAGE CURRENT, (A) 10 10 3.0 1.0 0.1 0.1 Tj=25 C .01 0 .2 .4 .6 .8 1.0 1.2 1.4 .01 0 20 40 60 80 100 120 140 FORWARD VOLTAGE,(V) PERCENT OF RATED PEAK REVERSE VOLTAGE, (%) 155 |
Price & Availability of RS206M |